Part Number Hot Search : 
TDA3616 KA78L15A 63D39 C74UL0 MLN1033S 74ACT245 1N541 PD4M441L
Product Description
Full Text Search
 

To Download BC846AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846AW - BC848CW
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Ideally Suited for Automatic Insertion Complementary PNP Types Available (BC856W-BC858W) For Switching and AF Amplifier Applications Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
B A C
SOT-323 Dim A
BC E
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18
B C D F G
M
Mechanical Data
* * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Pin Connections: See Diagram Marking Codes (See Table Below & Diagram on Page 3) Ordering & Date Code Information: See Page 3 Weight: 0.006 grams (approximate) Marking Code (Note 2) Marking Type K1Q BC847CW K1R BC848AW K1E, K1Q BC848BW K1F, K1R BC848CW
K
G H
0.65 Nominal
H J K
J
D
F
L
L M
0 8 All Dimensions in mm
Type BC846AW BC846BW BC847AW BC847BW
Marking K1M K1J, K1E, K1Q K1K, K1F, K1R K1L, K1M
Maximum Ratings
@TA = 25C unless otherwise specified Symbol BC846 BC847 BC848 BC846 BC847 BC848 BC846, BC847 BC848 VCBO Value 80 50 30 65 45 30 6.0 5.0 100 200 200 200 625 -65 to +150 Unit V
Characteristic Collector-Base Voltage
Collector-Emitter Voltage
VCEO VEBO IC ICM IEM Pd RJA Tj, TSTG
V V mA mA mA mW C/W C
Emitter-Base Voltage
Collector Current Peak Collector Current Peak Emitter Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Current gain subgroup "C" is not available for BC846W. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30250 Rev. 9 - 2
1 of 3 www.diodes.com
BC846AW - BC848CW
(c) Diodes Incorporated
Electrical Characteristics
@TA = 25C unless otherwise specified Symbol V(BR)CBO Min 80 50 30 65 45 30 6 5 110 200 420 -- -- 580 -- -- -- 100 -- -- Typ -- -- -- -- -- -- -- 180 290 520 90 200 700 900 660 -- -- -- 300 3.0 -- Max -- -- -- -- -- -- -- 220 450 800 250 600 -- 700 770 15 5.0 -- 4.5 10 Unit V Test Condition IC = 10A, IB = 0
Characteristic Collector-Base Breakdown Voltage (Note 6)
BC846 BC847 BC848 Collector-Emitter Breakdown Voltage (Note 6) BC846 BC847 BC848 Emitter-Base Breakdown Voltage BC846, BC847 (Note 6) BC848 DC Current Gain Current Gain Group A B (Note 6) C Collector-Emitter Saturation Voltage (Note 6) Base-Emitter Saturation Voltage (Note 6) Base-Emitter Voltage (Note 6) Collector-Cutoff Current (Note 6) Gain Bandwidth Product Collector-Base Capacitance Noise Figure
Notes:
V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO ICBO fT CCBO NF
V V -- mV mV mV nA A MHz pF dB
IC = 10mA, IB = 0 IE = 1A, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VCE = 5V, IC = 200A, RS = 2.0k, f = 1.0kHz, f = 200Hz
6. Short duration pulse test used to minimize self-heating effect.
300
0.4
IC IB = 20
PD, POWER DISSIPATION (mW)
250
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
0.3
200
150
0.2
TA = 150C
T A = 25C
100
0.1
TA = -50C
50
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs. Ambient Temperature 200
0 0.1
1 10 1,000 100 IC, COLLECTOR CURRENT (mA) Fig. 2 Collector Emitter Saturation Voltage vs. Collector Current
DS30250 Rev. 9 - 2
2 of 3 www.diodes.com
BC846AW - BC848CW
(c) Diodes Incorporated
1,000
1,000
T A = 150C
VCE = 5V
TA = 25C
100
T A = -50C
fT, GAIN BANDWIDTH PRODUCT (MHz)
hFE, DC CURRENT GAIN
100
10
10
1 1
10 1,000 100 IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs. Collector Current
10 100 IC, COLLECTOR CURRENT (mA) Fig. 4, Gain Bandwidth Product vs. Collector Current
1 1
Ordering Information
Device BC84xxW-7-F*
*xx = device type, e.g. BC846AW-7. Notes:
(Note 5 & 7) Packaging SOT-323 Shipping 3000/Tape & Reel
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1), e.g. K1Q = BC846AW YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code
1998 J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
YM
2002 N Apr 4
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30250 Rev. 9 - 2
3 of 3 www.diodes.com
BC846AW - BC848CW
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BC846AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X